Part Number Hot Search : 
1N5232 M8836 Z1715E AD8130 AT89C51 FAN3224T H101CYDL BD745B
Product Description
Full Text Search
 

To Download 5-1415008-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog product data, defnitions section, application notes and all specifcations are subject to change. general purpose panel/plug-in relays power relay rm 5/6/b 3mm n 2 and 3 pole 10/16a, 2 form a (2 no) or 3 form a (3 no) contacts n 3mm contact gap n dc or ac coil n push-to-test button n plug-in version, pcb terminals, chassis or din rail mount typical applications power supplies, pump control. approvals vde cert. no. 40003144, ul e214025 technical data of approved types on request. contact data rm5 rm6 rmb contact arrangement 2 form a 3 form a 3 form a 2 no 3 no 3 no contact gap 3mm 3mm 3mm rated voltage 400vac 230vac 230vac max. switching voltage 440vac 400vac 400vac rated current 16a 10a 16a limiting making current, max 20ms 30a 25a 30a switching power 6000va 3800va 6000va contact material agcdo, agni90/10 for rm5 min. recommended contact load 24vdc/100ma frequency of operation, with/without load 960/6000h -1 operate/release time max., dc coil 20/5ms bounce time max., form a, dc coil 4ms contact ratings type contact load cycles iec 61810 rm5 a (no) 16a, 230/400vac, cos =1, 35c 100x10 3 rm5 a (no) 10a, 48vdc, 70c 30x10 3 rm5 a (no) 10a, 400vac, 70c 30x10 3 rm60 a (no) 10a, 230/400vac, cos =1, 35c 100x10 3 rmb0 a (no) 16a, 400vac same polarity, cos =1, 50c 100x10 3 ul 508 rm5 a (no) 16a, 415vac, resistive, 50c 100x10 3 rm5 a (no) 16a, 277vac, general purpose, 50c 30x10 3 rm6 a (no) 10a, 415vac, resistive, dc-coil, 70c 100x10 3 rm6 a (no) 10a, 415vac, resistive, ac-coil, 50c 100x10 3 rm6 a (no) 10a, 277vac, gen. purp., dc-coil, 70c 30x10 3 rm6 a (no) 10a, 277vac, gen. purp., ac-coil, 50c 30x10 3 rmb a (no) 16a, 277vac, general purpose, 25c 30x10 3 mechanical endurance dc coil 20x10 6 operations ac coil 20x10 6 operations coil data coil voltage range 6 to 220 vdc 6 to 400 vac operative range, iec 61810 90 to 100% of rated coil voltage coil insulation system according ul class 130 (b) coil versions, dc coil coil code rated coil rated coil std led pd 2) led+ voltage resistance power bipolar pd 2) vdc ?10% 1) w coil versions, dc coil, rm5, rm6 006 l06 0a6 la6 6 24 1.5 012 l12 0b2 lb2 12 86 1.7 024 l24 0c4 lc4 24 345 1.7 048 l48 0e8 le8 48 1340 1.7 060 l60 0g0 lg0 60 2200 1.6 110 m10 1b0 mb0 110 7300 1.7 221 n21 2c1 nc1 220 30000 1) 1.6 coil versions, dc coil, rmb 024 - - - 24 250 2.3 012 - - - 12 62.6 2.3 operate voltage, dc coil 75% of rated coil votage release voltage, dc coil 10% of rated coil voltage 1) coil resistance 15%, 2) protection diode pd; standard polarity: +a1 / -a2. all fgures are given for coil without pre-energization, at ambient temperature +23c. rm 5/6 z schrack
2 04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog product data, defnitions section, application notes and all specifcations are subject to change. general purpose panel/plug-in relays power relay rm 5/6/b 3mm (continued) accessories for details see datasheet accessories power relay rm note: indicated contact ratings and electrical endurance data for direct wiring of relays (according iec 61810-1); for relays mounted on sockets deratings may apply. coil data (continued) coil versions, ac coil coil code rated operate release coil rated coil std led voltage voltage voltage resistance power 50/60hz 50/60hz 50/60hz vac vac vac ?10% 1) va coil versions, ac-coil, rm5, rm6 506 r06 6 4.8/5.1 1.8 4.7 2.86/2.36 512 r12 12 9.6/10.2 3.6 19.5 2.71/2.27 524 r24 24 19.2/20.4 7.2 80 2.62/2.00 548 r48 48 38.4/40.8 14.4 320 2.60/2.17 560 r60 60 48.0/51.0 18.0 500 2.62/2.20 615 s15 115 92.0/97.8 34.5 1850 2.65/2.22 730 t30 230 184.0/195.5 69.0 7500 2.69/ 2.26 900 v00 400 320.0/340.0 120.0 23500 1) 2.61/2.20 1) coil resistance 15%. all fgures are given for coil without pre-energization, at ambient temperature +23c. insulation data rm5 rm6 rmb initial dielectric strength between open contacts 2500vrms 2500vrms 2500vrms between contact and coil 2500vrms 2500vrms 2500vrms between adjacent contacts 2500vrms 2500vrms 2500vrms initial surge withstand voltage 4000v 4000v 4000v between contact and coil 5000v 4000v 4000v between adjacent contacts, rm5 6000v - - clearance/creepage between contact and coil 4.0/14.9mm between adjacent contacts 6.1/7.3mm material group of insulation parts iiia other data rm5 rm6 rmb material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature for mounting/handling -20 to 40c in operation dc coil -40 to 50c -40 to 60c -40 to 50c ac coil -40 to 50c -40 to 50c - category of environmental protection iec 61810 rti - dust protected vibration resistance (functional) 12 g, 30 to 150 hz terminal type pcb-tht, plug-in, quick-connect (qc) cover retention, pull/push force 100/100n mounting position versions with test button not to be mounted with button on top weight 81g resistance to soldering heat tht iec 60068-2-20 270c/10s packaging unit 10/25 pcs. pcb layout / terminal assignment bottom view on pins 3 form a (3 no) contacts 2 form a (2 no) contacts schrack
3 04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog product data, defnitions section, application notes and all specifcations are subject to change. general purpose panel/plug-in relays power relay rm 5/6/b 3mm (continued) dimensions plain cover, plug-in version pcb version cover with mounting brackets, 6.3 mm quick connect (4.8 mm available) cover with din-snap-on attachement (6.3 mm quick connect only) horizontal vertical product code structure typical product code rm 5 0 2 524 type rm power relay rm5/6/b 3mm contact arrangement 5 2 form a contacts (2 no), 16a 6 3 form a contacts (3 no), 10a b 3 form a contacts (3 no), 16a version 0 agcdo, without test button, without mechanical indicator 2 agni90/10, without test button, without mechanical indicator 3 agcdo, with test button, without mechanical indicator 7 agni90/10, with test button, without mechanical indicator enclosure 2 plain cover, 4.8mm quick connect terminals 3 cover with mounting brackets, 4.8mm quick connect terminals 5 cover with mounting brackets, 6.3mm quick connect terminals 7 pcb version 8 cover with din-snap-on attachment, horizontal, 6.3mm quick connect terminals 9 cover with din-snap-on attachment, vertical, 6.3mm quick connect terminals coil coil code: please refer to coil versions table schrack
4 04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog product data, defnitions section, application notes and all specifcations are subject to change. general purpose panel/plug-in relays power relay rm 5/6/b 3mm (continued) product key contacts cont. material version enclosure coil coil part number rm502024 2 form a, agcdo without plain cover dc coil 24vdc 6-1393146-1 rm502524 2 no contacts agcdo test button qc 4.8mm ac coil 24vac 6-1393146-2 rm502615 16a agcdo without 115vac 6-1393146-3 rm502730 agcdo mech. indicator 230vac 6-1393146-4 rm503024 agcdo mounting brackets dc coil 24vdc 8-1393148-0 rm503615 agcdo quick c. 4.8mm ac coil 115vac 6-1393146-5 rm505024 agcdo mounting brackets dc coil 24vdc 8-1393148-3 rm525012 agni mounting brackets dc coil 12vdc 5-1415544-6 rm505615 agcdo qc 6.3mm ac coil 115vac 6-1393146-6 rm505730 agcdo 230vac 9-1393149-9 rm507024 agcdo pcb version dc coil 24vdc 1393844-1 rm507524 agcdo ac coil 24vac 5-1415008-1 rm507615 agcdo 115vac 6-1415015-1 rm507730 agcdo 230vac 1415008-1 rm535024 agcdo with test button mounting brackets dc coil 24vdc 7-1393146-2 rm535524 agcdo w/o mech.indicator qc 6.3mm ac coil 24vac 9-1393148-0 rm602024 3 form a, agcdo without plain cover dc coil 24vdc 1393844-4 rm602615 3 no contacts agcdo test button qc 4.8mm ac coil 115vac 9-1393148-7 rm605730 10a agcdo without mount.br. q.c.6.3 230vac 7-1393146-6 rm607024 agcdo mech. indicator pcb version dc coil 24vdc 1393844-6 rm607524 agcdo ac coil 24vac 7-1393146-8 rm607615 agcdo 115vac 8-1415015-1 rm607730 agcdo 230vac 7-1393146-9 rm632024 agcdo with plain cover dc coil 24vdc 8-1393146-0 rm632730 agcdo test button qc 4.8mm ac coil 230vac 1393149-7 rm635024 agcdo without mount.br.qc 6.3 dc coil 24vdc 7-1393107-7 rm637024 agcdo mech. indicator pcb version 24vdc 1393149-9 rmb07024 3 a (no) cont. 16a agcdo w/o test, indicator 24vdc 2-1415543-7 rmb07012 3 a (no) cont. 16a agcdo w/o test, indicator 12vdc 1-1415545-6 schrack


▲Up To Search▲   

 
Price & Availability of 5-1415008-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X